Part Number Hot Search : 
2SK134 D121J03F PBTR20 7432DC SVM1045V AXK6F IRFR01 PA15FL10
Product Description
Full Text Search
 

To Download HFR-RFT100110-C50OHMFZ00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power Flanged RF Terminators
RFTXXX-1 Series
* Flange construction * High frequency operation up to 5GHz * High power dissipation to 250W * Long life, temperature stable thin film technology
IRC's RFTXXX-1 series utilizes the combined benefits of flange cooling and the high thermal conductivity of aluminum nitride (AIN) substrate to provide power ratings from 10W to 250W. This series comes with single-sided or double-sided flanges and single leaded terminal configurations, adding increased RF design flexibility. Typical applications for the RFTXXX-1 series include aerospace, wireless communication, satellites, RF power sources, power amplifiers, and termination in isolator/circulators.
Electrical Data
RFT010-120LF Power Rating Peak Pulse Power VSWR Resistance Tolerance Frequency Range Absolute TCR Operating Temperature Range Terminations 10W 20W <1.15 RFT050-110LF 50W 100W <1.15 50 1% DC to 5GHz 50ppm/C -55C to +155C Gold plated copper RFT100-110LF 100W 200W <1.2 RFT250-110LF 250W 500W <1.2
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc RFTXXX-1 Series Issue February 2009 Sheet 1 of 3
High Power Flanged RF Terminators
Physical Data
TYPE 110
TYPE 120
J
K
2 - 3.63
J
B
K
2.90
B
E
C
D G F H
E
C
F
G
D
A
A
TYPE 130
3.63
TYPE 140
3.63
B
J
B
J
K
K
D F G H
E
C
D
E
C
F
G
H
A
A
Dimensions (mm) A RFT010 RFT050 RFT050 RFT100 RFT250 7.10 13.08 20.30 20.30 25.00 B 5.10 6.35 5.70 6.35 9.53 C 3.10 3.10 3.10 3.10 4.50 D 1.50 1.50 1.50 1.50 3.00 E 2.20 2.20 2.60 2.60 4.10 F 1.50 (2.54) 5.08 8.89 9.52 G 3.50 7.49 14.20 14.20 18.42 H 2.10 3.05 ---J 0.80 0.80 1.50 1.50 3.00 K 5.08 5.08 5.08 5.08 5.08
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RFTXXX-1 Series Issue February 2009 Sheet 2 of 3
High Power Flanged RF Terminators
Power Derating Curve
100
Ordering Data
Prefix HFR - RFT010 110 - C50 OHM F Z00 Model Type
RFT010; RFT050; RFT100; RFT250
% Of Rated Power
110; 120; 130; 140
50
Resistance
C50 OHM
Tolerance
F = 1%
10
25
100
155
Packaging
Z00 = Tray
Flange Temperature (C)
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RFTXXX-1 Series Issue February 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of HFR-RFT100110-C50OHMFZ00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X